PART |
Description |
Maker |
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
MPS6717RLRA MPS6717_D ON2331 MPS6717 |
One Watt Amplifier Transistor(NPN Silicon) 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 One Watt Amplifier Transistor 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AE CASE 29?4, STYLE 1 TO?2 (TO?26AA) From old datasheet system
|
ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
WR12D15/60K WR48S15/60K WR24D12/60K WR12D12/60K WR |
50 to 60 Watt Wide input DC/DC converters 5060瓦宽输入DC / DC转换 50 to 60 Watt Wide input DC/DC converters 500瓦宽输入DC / DC转换
|
Electronic Theatre Controls, Inc.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
AN597 |
Implementing Ultrasonic Ranging
|
Microchip Technology Inc.
|
TD3W-15D2405 TD3W-15D2412 TD3W-15D2415 TD3W-15S120 |
DC/DC CONVERTERS 4:1 Input, 15 Watt
|
Tumbler Technologies TRUMPower
|
TC8-13S242.5R TC8-13S482.5R TC8-17S243.3R TC8-17S4 |
DC/DC CONVERTERS 2:1 Input, 12.5 to 20 Watt
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM...
|
TC3-8S4805 TC3-8D2405 TC3-8D2412 TC3-8D2415 TC3-8D |
DC/DC CONVERTERS2:1 Input, 8 Watt
|
Tumbler Technologies TRUMPower
|
DMR20-10-DCM-R-C DMR20-3-KP |
2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
|
Murata Manufacturing Co., Ltd.
|
LED1-MOD1-3-10 |
THE UNIQUE LED-BASED DTECTION AND RANGING TECHNOLOGY
|
List of Unclassifed Manufacturers
|
EC3B21 EC3B22 EC3B23 EC3B24 EC3B25 EC3B26 EC3B27 E |
7.5 WATT WIDE INPUT DC-DC CONVERTERS
|
RSG Electronic Components GmbH
|